Part Number Hot Search : 
628128 ICS92 PRODUCTS AP0C31BH VSP9435B SN8P1917 MAX7323 NDB6030
Product Description
Full Text Search
 

To Download LM339D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low power low offset voltage quad comparators lm339 description outline drawing the lm 339 consists of four independent precision voltage comparators.these were designed specifically to operate from a signal power supply over a wide range of voltage.operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage.the lm339 also have a unique characteristic in that the input common-mode voltage range includes ground,even though operated from a single power supply voltage. fea t ure low input biasing current 25na typ . . d i p 1 4 low input of fset current 5.0na typ . . low output saturation voltage 130m v . output voltage com p atible with ttl,cmos. sop14 p i n c o n f i g u r a t i o n b l o c k d i a g r a m tiger electronic co.,ltd
pin descriptions no description symbol no description symbol 1 output 2 out2 8 -input3 in3 - 2 output 1 out1 9 +input3 in3 + 3 supply voltage vcc 10 -input4 in4 - 4 -input1 in1 - 11 +input4 in4 + 5 +input1 in1 + 12 ground gnd 6 -input2 in2 - 13 output 4 out4 7 +input2 in2 + 14 output 3 out3 absolute maximum ratings characteristics symbol value unit supply voltage vcc 36 or 18 v differential input voltage v idr 36 v input voltage v icmr -0.3~vcc v input current i sc 50 power dissipation * p d 1.0 w operating temperature range tamb -20~+85 storage temperature range tstg -65~150 note * power dissipation reduces 8 mw/ c for using above ta=25 c electrical characteristics unless otherwise specified :vcc=5v tamb=25 characteristics test conditions symbol mi typ. max unit 2.0 5.0 input offset voltage 0 ta 70 v io 9.0 mv 5.0 50 input offset current 0 ta 70 i io 150 na 25 250 input bias current 0 ta 70 i ib 400 na 0 vcc-1.5 input common-mode voltage range 0 ta 70 v icr 0 vcc-2.0 v r l = 0.8 2.0 supply current r l = vcc=30v icc 1.0 2.5 ma voltage gain r l 15k ? vcc=15v gv 50 200 v/mv large signal response time v in =ttl logic swing v ref =1.4v v rl =5.0v r l =5.1 k ? t res 300 ns response time v rl =5.0v r l =5.1k ? t res 1.3 ns input differential voltage v id vcc v output sink current v in - 1.0v v in + =0v vo 1.5v i sink 6.0 16 ma v in - 1.0v v in + =0v i sink 4.0m a 130 400 output saturation voltage v in - 1.0v v in + =0v i sink v sat 700 mv v in + 1.0v v in - =0v vo = 5 . 0 v 0.1 output leakage current v in + 1.0v v in - =0v vo=30v 0 ta 70 i ol 1000 na
applica t ion circuit typical characteristics curves: input o f fset v o ltage input bias current


▲Up To Search▲   

 
Price & Availability of LM339D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X